Part Number Hot Search : 
RS3016 NX8501AC MC34129 02ATS 1A470 SD275N7 PU600D15 00950
Product Description
Full Text Search
 

To Download R25-MHF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yageo corporation dip / smd inductors features halogen free products shielded construction lowest dcr/h, in this package size handles high transient current spikes without saturation applications excellent for power lines used on dc-dc conversion applications i.e. power switching, personal computers and handheld devices. dip power inductors pmf series shapes and dimensions unit: mm type a b c d e f g a b c pmf0806 8.2 +0 8.2 +0 3.5 0.5 6.0 +0 4.4 0.5 4.4 0.5 0.7 0.1 4.9 4.4 1.0 pmf1008 11.7 +0 9.7 +0 3.5 0.5 8.5 +0 6.6 0.5 4.2 0.5 1.4 0.1 7.1 4.2 1.8 pmf107 11.5 +0 11.5 +0 3.4 0.5 8.0 +0 6.5 0.5 6.0 0.5 1.1 0.1 8.5 6.0 1.5 pmf109 11.5 +0 11.5 +0 3.4 0.5 10.5 +0 6.8 0.5 6.8 0.5 1.1 0.1 9.6 6.8 1.5 pmf118 12.0 +0 12.0 +0 3.4 0.5 9.0 +0 6.3 0.5 5.7 0.5 1.5 0.1 7.8 7.0 1.9 pmf129 14.0 +0 13.0 +0 3.4 0.5 9.5 +0 7.8 0.5 7.0 0.5 1.0 0.1 7.8 7.0 1.4 e f land pattern a xxx d c g b a b c tolerance: j = 5%, k = 10%, l = 15%, m = 20%, p = 25%, n = 30%, y = min product identification pmf 107 - 1r0 - m hf halogen free tolerance inductance dimensions product symbol
9 electrical characteristics ferrite cores part no. inductance tolerance test frequency dc resistance isat irms (h) (%) (khz) (m ) 10% (a) max. (a) max. pmf107-1r0m 1.00 20 100 4.39 22.00 20.00 pmf107-1r2m 1.20 20 100 1.66 15.00 14.00 pmf107-330m 33.00 20 100 87.65 1.50 3.00 pmf109-220m 22.00 20 200 58.83 4.50 3.80 pmf109-330m 33.00 20 200 60.04 4.00 3.60 pmf109-500m 50.00 20 200 91.23 2.00 1.80 pmf109-101m 100.00 20 200 139.30 2.00 1.80 pmf109-121m 120.00 20 200 200.83 2.00 1.80 pmf109-151m 150.00 20 100 208.71 2.00 1.80 pmf109-221m 220.00 20 200 305.00 1.50 1.35 pmf118-r30m 0.30 20 100 0.76 30.00 50.00 pmf129-1r0m 1.00 20 100 0.99 35.00 27.00 pmf129-1r2m 1.20 20 100 1.35 35.00 31.50 pmf129-3r3m 3.30 20 100 4.04 22.00 21.00 pmf129-101m 100.00 20 100 124.00 3.00 2.70 note: isat: dc current at which the inductance drops 20% from its value without current irms: the actual current when temperature of coil becomes t = 40 c
10 electrical characteristics iron cores part no. inductance tolerance test frequency dc resistance isat irms (h) (%) (khz) (m ) 10% (a) max. (a) max. pmf0806-r47m 0.47 20 100 1.90 38.00 22.00 pmf0806-r60m 0.60 20 100 1.90 34.00 21.00 pmf0806-r80m 0.80 20 100 2.90 27.00 17.00 pmf0806-1r0m 1.00 20 100 4.30 22.00 14.00 pmf1008-r25m 0.25 20 100 0.65 50.00 43.00 pmf1008-r30m 0.30 20 100 0.65 45.00 43.00 pmf118-r47m 0.47 20 100 0.80 50.00 38.00 pmf118-r60m 0.60 20 100 0.80 50.00 38.00 pmf118-r80m 0.80 20 100 1.30 45.00 31.00 pmf118-1r0m 1.00 20 100 1.30 35.00 31.00 pmf118-1r5m 1.50 20 100 1.80 25.00 26.00 pmf118-2r0m 2.00 20 100 3.30 30.00 20.00 pmf118-3r3m 3.30 20 100 6.30 25.00 14.00 note: isat: dc current at which the inductance drops 20% from its value without current irms: the actual current when temperature of coil becomes t = 40 c
11 type bulk qty/plate plate/grip grip box pmf107 v 60 8 2 960 pmf109 v 60 5 2 600 pmf118 v 60 8 2 960 pmf129 v 60 8 2 960 type a b c pmf107 251 138 13.00 pmf109 251 138 13.00 pmf118 251 138 13.00 pmf129 250 138 17.00 plate dimensions unit: mm packaging quantity b a c plate grip


▲Up To Search▲   

 
Price & Availability of R25-MHF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X